Part Number Hot Search : 
CINT1150 128BIFN1 100DC SY10E BY296 PKN430CB KBU8005 LB8649FN
Product Description
Full Text Search
 

To Download MB15-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds21303 rev. d-3 1 of 2 mb15(w)/25(w)/35(w) high conductivity metal case superior thermal design surge ratings to 400a terminals solderable per mil-std-202, method 208 universal terminals; snap-on, solder or p.c. board mounting characteristic symbol -05 -1 -2 -4 -6 -8 -10 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average mb15 rectified output current mb25 @ t c = 55 c mb35 i (av) 15.0 25.0 35.0 a peak forward surge current single mb15 half sine-wave superimposed on mb25 rated load (jedec method) mb35 i fsm 300 300 400 a maximum instantaneous @ 7.5a mb15 forward voltage drop per @12.5a mb25 rated load (jedec method) @17.5a mb35 v f 1.1 1.1 1.2 v maximum reverse dc current at rated @t a =25 c dc blocking voltage (per element) @t a = 100 c i r 10 1.0 a ma i 2 t rating for fusing (8.3ms) mb15 mb25 mb35 i 2 t 373 373 664 a 2 s typical thermal resistance (note 1) r q jc 2.5 c/w operating and storage temperature range t j ,t stg -55 to +150 c features terminals: 0.25" faston terminals approx weight: 29 grams mounting position: bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency mounting torque: 20 in. lb. max. polarity: polarity symbols marked on case rating at 25c ambient temperature unless otherwise specified. maximum ratings and electrical characteristics notes: 1. thermal resistance from junction to case mechanical data c a g e b h (ac) (ac) (+) (-) h j a c suffix w denotes wire leads for mb-35w package see page 2. mb15(w) / 25(w) / 35(w) high current silicon bridge rectifier mb-35 dim min max a 28.4 28.7 b 10.97 11.23 c 15.5 17.6 e 25.4 g 13.3 15.3 h 4.9 ? nominal all dimensions in mm power semiconductor
ds21303 rev. d-3 2 of 2 mb15(w)/25(w)/35(w) 0 5 10 15 20 25 30 35 40 0 20 40 60 80 100 average output current (amperes) ambient temperature (oc) fig. 1 maximum output rectified current 60hz resistive or inductive load mb35 r s-a = 0.5oc/w th mb15 r s-a = 1.0oc/w th mb25 r s-a = 0.5oc/w th 0 100 200 300 400 500 1.0 10 100 peak forward surge current (amperes) number of cycles at 60 hz fig. 4 maximum non-repetitive peak forward surge current mb35 mb25, mb15 0.01 0.1 1.0 10 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) percent of rated peak reverse voltage fig. 3 typical reverse characteristics t = 100oc c t = 25oc a 0 5 10 15 20 25 30 35 40 0 50 100 150 20 0 average forward output current (amperes) case temperature (oc) fig. 2 maximum output rectified current 23x9x11.8cm wing plate 60 hz resistive or inductive mb35 mb25 mb15 b j k a a m h l (ac) (ac) (+) (-) mb-35w


▲Up To Search▲   

 
Price & Availability of MB15-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X